Part Number Hot Search : 
CP100 NJM7812 ET1820 DM0765 M68000UM 87760 MAX4561 SG117G
Product Description
Full Text Search
 

To Download A-7478-28A102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0022053281 Active
2.54mm (.100") Pitch KK(R) Solid Header, Right Angle, with Friction Lock, 28 Circuits, Tin (Sn) Plating
Documents: 3D Model Drawing (PDF)
Product Specification PS-10-07 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Product Name PCB Headers 7478 Wire-to-Board KK(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 28 28 Natural (White) 25 94V-0 No Yes Brass Tin Tin Nylon 1 Right Angle 0.141 In 3.58 mm No None 0.062 In 1.60 mm Bag 0.100 In 2.54 mm 200 5 200 5 Yes Yes Partial Yes 0C to +75C Through Hole
Search Parts in this Series 7478Series Mates With 2695 , 6471 , 7880 , 4455 , 7720
Electrical
Current - Maximum per Contact 4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235
Material Info
Old Part Number A-7478-28A102
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-7478-001 PS-10-07 SDA-7478
This document was generated on 05/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of A-7478-28A102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X